Part Number Hot Search : 
7C335 RT9991 SC425005 08013 TVR20470 LTC1418C CT162H F3142
Product Description
Full Text Search
 

To Download G7L-1A-TUB-J-CB-DC12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general purpose relay g7l 329 general purpose relay g7l ? ideally suited for high-inrush fluid pump controls: pool/spa, water processing, emergency, chemical industry, etc. ? high-capacity, high-withstand voltage relay with no contact chatter- ing for momentary voltage drops up to 50% of rated voltage. ? ul class b construction standard. ? wide-range ac-activated coil that handles 100 to 120 vac at either 50 or 60 hz. ? miniature hinge for maximum switching capacity, particularly for in- ductive loads. ? flame resistant materials (ul94v-0-qualifying) used for all insulation material. ? quick-connect, screw, and pcb terminals available. ? standard models are ul, csa, and tuv approved; vde/iec 950 versions are now available. meet pollution degree 3, material group ii & iii. ordering information to order: select the part number and add the desired coil voltage rating (e.g., g7l-1a-t-cb- ac100/120 ). note: 1. e bracket or socket must be used for mounting (part number r99-07g7l). refer to ?accessories? section for options and part numbers. 2. for vde approved versions, please consult omron. 3. ce marking is provided only on non-pcb terminal versions. type contact form model quick-connect terminal screw terminal pcb terminal e bracket (see note 1) spst-no g7l-1a-t-cb g7l-1a-b-cb ? dpst-no g7l-2a-t-cb g7l-2a-b-cb ? e bracket (see note 1) (with test button) spst-no g7l-1a-tj-cb g7l-1a-bj-cb ? dpst-no g7l-2a-tj-cb g7l-2a-bj-cb ? upper bracket spst-no g7l-1a-tub-cb g7l-1a-bub-cb ? dpst-no g7l-2a-tub-cb g7l-2a-bub-cb ? upper bracket (with test button) spst-no g7l-1a-tubj-cb g7l-1a-bubj-cb ? dpst-no g7l-2a-tubj-cb g7l-2a-bubj-cb ? pcb mounting spst-no ? ? g7l-1a-p-cb dpst-no ? ? g7l-2a-p-cb
330 general purpose relay g7l model number legend accessories quic k-connect t erminals note: a socket terminal cover is supplied with the p7lf-06 socket and does not attach directly to the g7l relays. it cannot be purchased separately. scre w t erminals note: the p7lf-c terminal cover attaches directly to the g7l-b style relays. it is sold separately. specifications contact data note: p level: 60 =0.1x10 -6 operation. coil internal circuit g7l- ?? - ???? 12 3456 1. contact form 3. mounting construction 5. 80: vde approved version 1a:spst-no no symbol:e bracket type (includes ul, csa and tv) 2a:dpst-no ub:upper bracket type 6. cb: class b insulation 2. terminal shape 4. special functions t:quick-connect terminals no symbol:without test button 7. rated coil voltage p:pcb terminals j:with test button b:screw terminals description model model contact form spst-no dpst-no e-brackets g7l-1a-t g7l-1a-tj g7l-2a-t g7l-2a-tj r99-07g7l track mounting adaptor p7lf-d front connecting socket p7lf-06 description model model contact form spst-no dpst-no e-brackets g7l-1a-b g7l-1a-bj g7l-2a-b g7l-2a-bj r99-07g7l track mounting adaptor p7lf-d terminal cover p7lf-c load g7l-1a-t, g7l-1a-b g7l-2a-t, g7l-2a-b g7l-1a-p, g7l-2a-p resistive load (cos =1) inductive load (cos = 0.4) resistive load (cos =1) inductive load (cos = 0.4) resistive load (cos =1) inductive load (cos = 0.4) rated load 30 a, 220 vac 25 a, 220 vac 20 a, 220 vac contact material agsnin carry current 30 a 25 a 20 a max. operating voltage 250 vac max. operating current 30 a 25 a 20 a max. switching capacity 6,600 va 5,500 va 4,400 va min. permissible load 100 ma, 5 vdc (please inquire for lower minimum rating) dc operating coil ac operating coil
general purpose relay g7l 331 coil data a c dc note: 1. the rated current and coil resistance are measured at a coil temperature of 23 c (73 f) with tolerances of +15%/-20% for ac rated cur- rent and 15% for dc coil resistance. 2. performance characteristic data are measured at a coil temperature of 23 c (73 f). characteristics note: data shown are of initial value. rated voltage (v) rated current (ma) resistance ( ) must operate must release max. voltage power consumption % of rated voltage 6 283 18.90 75% max. 15% min. 110% max. approx.1.70 to 2.50 va 12 142 75 24 71 303 50 34 1,310 100/120 17.00/20.40 5,260 75 volts 18 volts 132 volts 200/240 8.50/10.20 21,000 150 volts 36 volts 264 volts rated voltage (v) rated current (ma) resistance ( ) must operate must release max. voltage power consumption % of rated voltage 6 317 18.90 75% max. 15% min. 110% max. approx.1.90 w 12 158 75 24 79 303 48 40 1,220 100 19 5,260 contact resistance 50 m max. operate time 30 ms max. release time 30 ms max. max. operating frequency mechanical 1,800 operations/hour electrical 1,800 operations/hour (under rated load) insulation resistance 1,000 m min. (at 500 vdc) dielectric strength 4,000 vac, min./5,000 vac typical, 50/60 hz for 1 minute between coil and contacts 2,000 vac, 50/60 hz for 1 minute between contacts of same pole 2,000 vac, 50/60 hz for 1 minute between contacts of different poles (dpst-no type) impulse withstand voltage between coil and contact: 10,000 v min./12,000 v typ. (impulse wave used: 1.20 x 50 s) vibration mechanical durability 10 to 55 hz; 1.50 mm (0.06 in) double amplitude malfunction durability 10 to 55 hz; 1.50 mm (0.06 in) double amplitude shock mechanical durability 1,000 m/s 2 (approx. 100 g) malfunction durability 100 m/s 2 (approx.10 g) life expectancy mechanical 1,000,000 operations min. (at 1,800 operations/hour) electrical 100,000 operations min. (at 1,800 operations/hour under rated load 250,000 ops typical) ambient temperature -25 to 60 c (-13 to 140 f) humidity 35% to 85% rh weight quick-connect terminal type: approx. 90 g (3.17 oz) pcb terminal type: approx. 100 g (3.52 oz) screw terminal type: approx. 120 g (4.23 oz)
332 general purpose relay g7l characteristic data dimensions unit: mm (inch) relays g7l-1a-t (e bracket attached)* g7l-2a-t (e bracket attached)* * e bracket must be ordered separately. maximum switching capacity electrical service life switching current (a) service life (x 10 3 operations) switching voltage (v) switching current (a) mounting holes (bottom view) terminal arrangement/ internal connections (top view) mounting holes (bottom view) terminal arrangement/ internal connections (top view)
general purpose relay g7l 333 g7l-1a-tj (e bracket attached)* g7l-2a-tj (e bracket attached)* g7l-1a-tub g7l-2a-tub *e bracket must be ordered separately. mounting holes (bottom view) terminal arrangement/ internal connections (top view) mounting holes (bottom view) terminal arrangement/ internal connections (top view) mounting holes (bottom view) terminal arrangement/ internal connections (top view) mounting holes (bottom view) terminal arrangement/ internal connections (top view)
334 general purpose relay g7l unit: mm (inch) g7l-1a-tubj g7l-2a-tubj g7l-1a-b (e bracket attached)* g7l-2a-b (e bracket attached)* * e bracket must be ordered separately. mounting holes (bottom view) terminal arrangement/ internal connections (top view) mounting holes (bottom view) terminal arrangement/ internal connections (top view) mounting holes (bottom view) terminal arrangement/ internal connections (top view) mounting holes (bottom view) terminal arrangement/ internal connections (top view)
general purpose relay g7l 335 g7l-1a-bj (e bracket attached)* g7l-2a-bj (e bracket attached)* g7l-1a-bub g7l-2a-bub * e bracket must be ordered separately. mounting holes (bottom view) terminal arrangement/ internal connections (top view) mounting holes (bottom view) terminal arrangement/ internal connections (top view) mounting holes (bottom view) terminal arrangement/ internal connections (top view) mounting holes (bottom view) terminal arrangement/ internal connections (top view)
336 general purpose relay g7l unit: mm (inch) g7l-1a-bubj g7l-2a-bubj g7l-1a-p g7l-2a-p mounting holes (bottom view) terminal arrangement/ internal connections (top view) mounting holes (bottom view) terminal arrangement/ internal connections (top view) mounting holes (bottom view) terminal arrangement/ internal connections (top view) mounting holes (bottom view) terminal arrangement/ internal connections (top view)
general purpose relay g7l 337 accessories e bracket r99-07g7l adaptor p7lf-d front connecting socket p7lf-06 note: 1. to protect against electric shock, a socket terminal cover is supplied with the p7lf-06 socket. 2. the p7lf-06 is panel or track mountable. mounting holes (bottom view) mounting holes (bottom view) mounting holes (bottom view)
338 general purpose relay g7l unit: mm (inch) cover p7lf-c note: p7lf-c cover attaches directly to g7l-b style relays. to protect against electric shock, use the p7lf-c on g7l-b terminals. mounting track note: 1. it is recommended that a panel thickness of 1.60 to 2.00 mm (0.06 to 0.08 in) be used. 2. l = length pfp-100n l=1m (39.00 in) pfp-50n l = 50 cm (19.60 in) pfp-100n2 l=1m (39.00 in) end plate pfp-m spacer pfp-s 4.5 15 25 25 25 25 * 10 10 1000 (500)* 7.3 0.15 35 0.3 27 0.15 15 ( 5) 1 4.5 15 25 25 25 25 15 10 10 1000 4 35 0.3 27 24 16 29.2 1 1.5 * the figure in parenthesis is for pfp-50n. pfp-100n, pfp-50n (conforming to en 50022) pfp-100n2 (conforming to en 50022)
general purpose relay g7l 339 approvals ul recognized (file no. e41643) / csa certified (file no. lr35535 ) - - ambient temp. = 40 c note: contact omron for actual ratings marked on g7l relays tv (file no. r9251551) vde recognized type (licence no. 1530 ug) note: 1. please consult omron for details of vde approvals. 2. the g7l relay conforms to the following standards: electrical safety: din iec 255 teil 1-00/din vde 0435 teil 201/05. 83 din vde 0435 teil 201 a1/05. 90 din iec 255 teil 0-20/din vde 0435 teil 120/10. 81 din en 60 950/vde 0805/11. 93 emc: pren 50082-2, en 55022 3. the rated values approved by each of the safety standards (e.g., ul and csa) may be different from the performance characteristics individually defined in this catalog. 4. in the interest of product improvement, specifications are subject to change. 5. suffix t130 rated at 130 c 6. pollution degree 3, material group ii & iii. 7. ce marking is provide only on non-pcb terminal versions. type contact form terminal type contact ratings g7l-1a-t-cb g7l-1a-tj-cb g7l-1a-tub-cb g7l-1a-tubj-cb spst-no quick-connect 30 a, 277 vac, general use, 100,000 ops 1.5 kw, 120 vac, tungsten, 6,000 ops 1.5 hp, 120 vac, 6,000 ops 3 hp, 277 vac, 6,000 ops 20 fla/120 lra, 120 vac, 30,000 ops 17 fla/102 lra, 265 vac, 30,000 ops tv-10, 120 vac, 25,000 ops g7l-1a-b-cb g7l-1a-bj-cb g7l-1a-bub-cb g7l-1a-bubj-cb screw g7l-1a-p-cb pcb g7l-2a-t-cb g7l-2a-tj-cb g7l-2a-tub-cb g7l-2a-tubj-cb dpst-no quick-connect g7l-2a-b-cb g7l-2a-bj-cb g7l-2a-bub-cb g7l-2a-bubj-cb screw g7l-2a-p-cb pcb type contact form coil ratings terminal type contact ratings g7l-1a-t-cb g7l-1a-tj-cb g7l-1a-tub-cb g7l-1a-tubj-cb spst-no 6, 12, 24, 48, 100, 110, 200, 220 vdc quick-connect 25 a, 240 vac, (cos =1) 25 a, 240 vac, (cos = 0.4) g7l-1a-b-cb g7l-1a-bj-cb g7l-1a-bub-cb g7l-1a-bubj-cb 12, 24, 50, 100/120, 200/240 vac screw 30 a, 240 vac, (cos =1) 25 a, 240 vac, (cos = 0.4) 30 a, 240 vac, (cos = 0.4) g7l-1a-p-cb pcb 20 a, 240 vac, (cos =1) 20 a, 240 vac, (cos = 0.4) g7l-2a-t-cb g7l-2a-tj-cb g7l-2a-tub-cb g7l-2a-tubj-cb dpst-no quick-connect 25 a, 240 vac, (cos =1) 25 a, 240 vac, (cos = 0.4) g7l-2a-b-cb g7l-2a-bj-cb g7l-2a-bub-cb g7l-2a-bubj-cb screw 25 a, 240 vac, (cos =1) 25 a, 240 vac, (cos = 0.4) g7l-2a-p-cb pcb 20 a, 240 vac, (cos =1) 20 a, 240 vac, (cos = 0.4)
340 general purpose relay g7l precautions handling ? to preserve initial performance, do not drop or otherwise subject the power relay to shock. ? the case is not designed to be removed during normal handling and operation. doing so may affect performance. ? use the power relay in a dry environment free from excessive dust, so 2 ,h 2 s, or organic gas. ? do not allow a voltage greater than the maximum allowable coil voltage to be applied continuously. ? do not use the power relay outside of specified voltages and cur- rents. ? do not allow the ambient operating temperature to exceed the specified limit. installation ? although there are not specific limits on the installation site, it should be as dry and dust-free as possible. ? pcb terminal-equipped relays weigh approximately 100 g. be sure that the pcb is strong enough to support them. we recommend dual-side through-hole pcbs to reduce solder cracking from heat stress. ? quick-connect terminals can be connected to fast on receptacle #250 and positive-lock connectors. ? allow suitable slack on leads when wiring, and do not subject the terminals to excessive force. cleaning pcb terminals ? pcb terminals have semi-sealed construction which prevents flux from entering the relay base. it is recommended that the user should apply a tape seal over the vent hole prior to wave soldering or cleaning. the tape should then be removed after processing. operating coil ? as a rule, either a battery or a dc power supply with a maximum 5% ripple is used for the operating voltage for dc relays. before using a rectified ac supply, confirm that the ripple is not greater than 5%. ripple greater than this can lead to variations in the oper- ating and reset voltages. as excessive ripple can generate beats, the insertion of a smoothing capacitor is recommended as shown below. ? when driving a transistor, check the leakage current and connect a bleeder resistor if necessary. ? momentary voltage drops on coil input voltage should not exceed one second duration after contact mating with no shock or vibra- tion. applications ? compressors for package air conditioners and heater switching controllers ? switching controllers for power tools or motors ? power controllers for water heaters ? power controllers for dryers ? lamp control, motor drivers, and power supply switching in copy machines, facsimiles, and other oa equipment ? lighting controllers ? power controllers for packers or food processing equipment ? magnetron control in microwaves
general purpose relay g7l memo
general purpose relay g7l omron on-line global - http://www.omron.com usa - http://www.components.omron.com cat. no. x301-e-1c printed in usa omron electronic components llc 55 e. commerce drive, suite b schaumburg, il 60173 847-882-2288 05/13 specifications subject to change without notice all sales are subject to omron electronic components llc standard terms and conditions of sale, which can be found at http://www.components.omron.com/components/web/webfiles.nsf/sales_terms.html all dimensions shown are in millimeters. to convert millimeters into inches, multiply by 0.03937. to convert grams into ounces, multiply by 0.03527.


▲Up To Search▲   

 
Price & Availability of G7L-1A-TUB-J-CB-DC12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X